Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN210S1H Datasheet (PDF) - Panasonic Semiconductor

AGN210S1H Datasheet PDF - Panasonic Semiconductor
Part # AGN210S1H
Download  AGN210S1H Download

File Size   117.05 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High Sensitivity, with 100mW nominal operating power, in a compact and space saving case

AGN210S1H Datasheet (PDF)

Go To PDF Page Download Datasheet
AGN210S1H Datasheet PDF - Panasonic Semiconductor

Part # AGN210S1H
Download  AGN210S1H Click to download

File Size   117.05 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High Sensitivity, with 100mW nominal operating power, in a compact and space saving case

AGN210S1H Datasheet (HTML) - Panasonic Semiconductor

AGN210S1H Datasheet HTML 1Page - Panasonic Semiconductor AGN210S1H Datasheet HTML 2Page - Panasonic Semiconductor AGN210S1H Datasheet HTML 3Page - Panasonic Semiconductor AGN210S1H Datasheet HTML 4Page - Panasonic Semiconductor AGN210S1H Datasheet HTML 5Page - Panasonic Semiconductor

AGN210S1H Product details

FEATURES
1. Compact slim body saves space
   Thanks to the small surface area of 5.7 mm × 10.6 mm .224 inch × .417 inch and low height of 9.0 mm .354 inch, the packaging density can be increased to allow for much smaller designs.
2. High sensitivity single side stable
   type (Nominal operating power: 100mW) is available
3. Outstanding surge resistance.
   Surge breakdown voltage between
   contacts and coil: 2,500 V 2×10 µs (Telcordia) Surge breakdown voltage between
   open contacts: 1,500 V 10×160 µs (FCC part 68)
4. The use of twin crossbar contacts ensures high contact reliability.
   AgPd contact is used because of its good sulfide resistance. Adopting lowgas molding material. Coil assembly molding technology which avoids generating volatile gas from coil.
5. Increased packaging density
   Due to highly efficient magnetic circuit design, leakage flux is reduced and changes in electrical characteristics from components being mounted close-together are minimized. This all means a packaging density higher than ever before.
6. Nominal operating power: 140 mW
7. Outstanding vibration and shock resistance.
   Functional shock resistance: 750 m/s2
   Destructive shock resistance: 1,000 m/s2
   Functional vibration resistance:
   10 to 55 Hz (at double amplitude of 3.3 mm .130 inch) Destructive vibration resistance:
   10 to 55 Hz (at double amplitude of 5 mm .197 inch)
8. Sealed construction allows automatic washing.

TYPICAL APPLICATIONS
1. Telephonic equipment
2. Telecommunications equipment
3. Security equipment
4. Test and Measurement equipment
5. Electronic Consumer and Audio Visual equipment




Similar Part No. - AGN210S1H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN210S1H NAIS-AGN210S1H Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN210S1HZ NAIS-AGN210S1HZ Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results


Similar Description - AGN210S1H

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com