Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR224B Datasheet (PDF) - Fairchild Semiconductor

IRFR224B Datasheet PDF - Fairchild Semiconductor
Part # IRFR224B
Download  IRFR224B Download

File Size   670.03 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

IRFR224B Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR224B Datasheet PDF - Fairchild Semiconductor

Part # IRFR224B
Download  IRFR224B Click to download

File Size   670.03 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

IRFR224B Datasheet (HTML) - Fairchild Semiconductor

IRFR224B Datasheet HTML 1Page - Fairchild Semiconductor IRFR224B Datasheet HTML 2Page - Fairchild Semiconductor IRFR224B Datasheet HTML 3Page - Fairchild Semiconductor IRFR224B Datasheet HTML 4Page - Fairchild Semiconductor IRFR224B Datasheet HTML 5Page - Fairchild Semiconductor IRFR224B Datasheet HTML 6Page - Fairchild Semiconductor IRFR224B Datasheet HTML 7Page - Fairchild Semiconductor IRFR224B Datasheet HTML 8Page - Fairchild Semiconductor IRFR224B Datasheet HTML 9Page - Fairchild Semiconductor

IRFR224B Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters and switch mode power supplies.

Features
• 3.8A, 250V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 13.5 nC)
• Low Crss ( typical 9.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - IRFR224B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
logo
Vishay Siliconix
IRFR224 VISHAY-IRFR224 Datasheet
853Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jun-08
logo
Kersemi Electronic Co.,...
IRFR224 KERSEMI-IRFR224 Datasheet
3Mb / 7P
   Power MOSFET
IRFR224 KERSEMI-IRFR224 Datasheet
3Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR224 ISC-IRFR224 Datasheet
331Kb / 2P
   iscN-Channel MOSFET Transistor
More results


Similar Description - IRFR224B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com