Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFP150A Datasheet (PDF) - Fairchild Semiconductor

IRFP150A Datasheet PDF - Fairchild Semiconductor
Part # IRFP150A
Download  IRFP150A Download

File Size   261.24 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Advanced Power MOSFET

IRFP150A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP150A Datasheet PDF - Fairchild Semiconductor

Part # IRFP150A
Download  IRFP150A Click to download

File Size   261.24 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Advanced Power MOSFET

IRFP150A Datasheet (HTML) - Fairchild Semiconductor

IRFP150A Datasheet HTML 1Page - Fairchild Semiconductor IRFP150A Datasheet HTML 2Page - Fairchild Semiconductor IRFP150A Datasheet HTML 3Page - Fairchild Semiconductor IRFP150A Datasheet HTML 4Page - Fairchild Semiconductor IRFP150A Datasheet HTML 5Page - Fairchild Semiconductor IRFP150A Datasheet HTML 6Page - Fairchild Semiconductor IRFP150A Datasheet HTML 7Page - Fairchild Semiconductor

IRFP150A Product details

FEATURES

Avalanche Rugged Technology

Rugged Gate Oxide Technology

Lower Input Capacitance

Improved Gate Charge

Extended Safe Operating Area

175 Operating Temperature

Lower Leakage Current : 10 A (Max.) @ VDS = 100V

Lower RDS(ON) : 0.032Ω(Typ.)

 



Similar Part No. - IRFP150A

ManufacturerPart #DatasheetDescription
Thinki Semiconductor Co., Ltd.
Thinki Semiconductor Co...
IRFP150A THINKISEMI-IRFP150A Datasheet
724Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
IRFP150A TGS-IRFP150A Datasheet
113Kb / 1P
   N-Channel MOSFET Transistor
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRFP150A ISC-IRFP150A Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP150A

ManufacturerPart #DatasheetDescription
AUK corp
AUK corp
STK0160F AUK-STK0160F Datasheet
462Kb / 8P
   Advanced Power MOSFET
STK0250D AUK-STK0250D Datasheet
456Kb / 8P
   Advanced Power MOSFET
STK0260 AUK-STK0260 Datasheet
458Kb / 8P
   Advanced Power MOSFET
STK0260D AUK-STK0260D Datasheet
455Kb / 8P
   Advanced Power MOSFET
STK0460P AUK-STK0460P Datasheet
488Kb / 8P
   Advanced Power MOSFET
STK1625F AUK-STK1625F Datasheet
465Kb / 8P
   Advanced Power MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
SSP2N60A FAIRCHILD-SSP2N60A Datasheet
260Kb / 7P
   Advanced Power MOSFET
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com