![]() |
Electronic Components Datasheet Search |
|
MTP2N45 Datasheet (PDF) - Fairchild Semiconductor |
MTP2N45 Datasheet (HTML) - Fairchild Semiconductor |
MTP2N45 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MTP2N45 |
Download | MTP2N45 Click to view |
File Size | 157.18 Kbytes |
Page | 5 Pages |
Maker | FAIRCHILD [Fairchild Semiconductor] |
Homepage | http://www.fairchildsemi.com |
Logo | |
Description | N-Channel Power MOSFETs, 3.0 A, 450 V/500 V |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
IRF320-323 | N-Channel Power MOSFETs 3.0 A 350-400 V | 1 2 3 4 5 | Fairchild Semiconductor |
IRF440-443 | N-Channel Power MOSFETs 8A 450 V/500V | 1 2 3 4 5 | Fairchild Semiconductor |
IRF420 | 2.2A and 2.5A 450V and 500V 3.0 and 4.0 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
MRF184 | LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs | 1 2 3 4 5 More | Motorola, Inc |
SD2933 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | 1 2 3 4 5 More | STMicroelectronics |
IRF340 | N-CHANNEL POWER MOSFETS | 1 2 3 4 5 | Samsung semiconductor |
SSS3N80 | N-CHANNEL POWER MOSFETS | 1 2 3 4 5 | Samsung semiconductor |
SML100S13 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
SML20B56 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
SML30L76 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
Datasheet Page |
1 2 3 4 5 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |