Manufacturer | Part # | Datasheet | Description |
NXP Semiconductors |
SCF5250EC
|
1Mb / 56P |
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006 |
Freescale Semiconductor... |
MC908GZ60CFUE
|
2Mb / 352P |
Standard features, Features of the CPU08
|
Maxim Integrated Produc... |
DS28E80EVKIT
|
5Mb / 28P |
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14 |
NXP Semiconductors |
MC56F826XXDS
|
1Mb / 60P |
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018 |
Maxim Integrated Produc... |
MAXQ1065EVKIT
|
5Mb / 9P |
Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21 |
MAX34451EVKIT
|
4Mb / 31P |
Easy Evaluation of the MAX34451
Rev 0; 5/13 |
MAX31343SHLD
|
2Mb / 11P |
Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20 |
MAX35103EVKIT
|
3Mb / 22P |
Easy Evaluation of the MAX35103
Rev 0; 3/15 |
MAX34409EVKIT
|
1Mb / 11P |
Easy Evaluation of the MAX34409
Rev 0; 4/13 |
MAX33071ESHLD
|
676Kb / 9P |
Easy Evaluation of the MAX33071E
Rev 0; 3/21 |