Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76407D3 Datasheet (PDF) - Fairchild Semiconductor

HUFA76407D3 Datasheet PDF - Fairchild Semiconductor
Part # HUFA76407D3
Download  HUFA76407D3 Download

File Size   234.59 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76407D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA76407D3 Datasheet PDF - Fairchild Semiconductor

Part # HUFA76407D3
Download  HUFA76407D3 Click to download

File Size   234.59 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76407D3 Datasheet (HTML) - Fairchild Semiconductor

HUFA76407D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 10Page - Fairchild Semiconductor

HUFA76407D3 Product details

Features
• Ultra Low On-Resistance
   - rDS(ON) = 0.092Ω, VGS = 10V
   - rDS(ON) = 0.107Ω, VGS = 5V
• Simulation Models
   - Temperature Compensated PSPICE® and SABER™ Electrical Models
   - Spice and SABER Thermal Impedance Models
   - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - HUFA76407D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
ON Semiconductor
HUFA76407DK8T-F085 ONSEMI-HUFA76407DK8T-F085 Datasheet
976Kb / 7P
   Dual N-Channel Logic Level UltraFET짰 Power MOSFET 60 V, 3.5 A, 105 m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Similar Description - HUFA76407D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423P3 FAIRCHILD-HUFA76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com