Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR-2330A Datasheet (PDF) - Panasonic Semiconductor

BR-2330A Datasheet PDF - Panasonic Semiconductor
Part # BR-2330A
Download  BR-2330A Download

File Size   196.86 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TAB PULLING STRENGTH OVER 19.6M TAB MATERIAL : STAINLESS WITH TIN PLATING

BR-2330A Datasheet (PDF)

Go To PDF Page Download Datasheet
BR-2330A Datasheet PDF - Panasonic Semiconductor

Part # BR-2330A
Download  BR-2330A Click to download

File Size   196.86 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description TAB PULLING STRENGTH OVER 19.6M TAB MATERIAL : STAINLESS WITH TIN PLATING

BR-2330A Datasheet (HTML) - Panasonic Semiconductor

BR-2330A Datasheet HTML 1Page - Panasonic Semiconductor



Similar Part No. - BR-2330A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
BR-23-K-A AMPHENOL-BR-23-K-A Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
BR-23-K-B AMPHENOL-BR-23-K-B Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
BR-23-K-D AMPHENOL-BR-23-K-D Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
BR-23-K-E AMPHENOL-BR-23-K-E Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
BR-23-P-A AMPHENOL-BR-23-P-A Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
More results


Similar Description - BR-2330A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML-2020 PANASONIC-ML-2020 Datasheet
200Kb / 1P
   TAB PULLING STRENGTH OVER 14.7N
ML-1220 PANASONIC-ML-1220 Datasheet
259Kb / 2P
   TAB PULLING STRENGTH OVER 14.7N
logo
List of Unclassifed Man...
BR-2477A ETC2-BR-2477A Datasheet
192Kb / 1P
   TAB PULLING STAENGTH OVER 19.6N
logo
WECO ELECTRICAL CONNECT...
322-A-2.8 WECO-322-A-2.8 Datasheet
107Kb / 1P
   Tab/screw connector with tab A 2,8
05.18
logo
Molex Electronics Ltd.
1300950275 MOLEX-1300950275 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950276 MOLEX-1300950276 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
logo
WECO ELECTRICAL CONNECT...
900-SUC-5 WECO-900-SUC-5 Datasheet
96Kb / 1P
   Tab connector Tab 4,8 mm
07.19
900-SUN-10 WECO-900-SUN-10 Datasheet
85Kb / 1P
   Tab connector Tab 6,3 mm
07.19
900-SUN-7.5 WECO-900-SUN-7.5 Datasheet
90Kb / 1P
   Tab connector Tab 6,3 mm
07.19
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com