Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK1A-3V-F Datasheet (PDF) - Panasonic Semiconductor

DK1A-3V-F Datasheet PDF - Panasonic Semiconductor
Part # DK1A-3V-F
Download  DK1A-3V-F Download

File Size   89.47 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply

DK1A-3V-F Datasheet (PDF)

Go To PDF Page Download Datasheet
DK1A-3V-F Datasheet PDF - Panasonic Semiconductor

Part # DK1A-3V-F
Download  DK1A-3V-F Click to download

File Size   89.47 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply

DK1A-3V-F Datasheet (HTML) - Panasonic Semiconductor


DK1A-3V-F Product details

FEATURES
1. Compact with high capacity
   High capacity switching in a small package: 1 Form A, 10 A 250 V AC;
   1 Form A 1 Form B and 2 Form A, 8 A 250 V AC.
2. High sensitivity: 200 mW nominal operating power
3. High breakdown voltage
   Independent coil and the contact structure improves breakdown voltage
4. Latching types available
5. Sealed construction allows automatic washing.
6. Sockets are available
7. Complies with safety standards
   Complies with Japan Electrical
   Appliance and Material Safety Law
   requirements for operating 200 V
   power supply circuits, and complies
   with UL, CSA, and TÜV safety standards.
  
TYPICAL APPLICATIONS
1. Switching power supply
2. Power switching for various OA equipment
3. Control or driving relays for
   industrial machines (robotics, numerical control machines, etc.)
4. Output relays for programmable
   logic controllers, temperature controllers, timers and so on.
5. Home appliances




Similar Part No. - DK1A-3V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DK1A-3V NAIS-DK1A-3V Datasheet
141Kb / 5P
MINIATURE POWER RELAY
More results


Similar Description - DK1A-3V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com