Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A80C186XL20 Datasheet (PDF) - Intel Corporation

A80C186XL20 Datasheet PDF - Intel Corporation
Part # A80C186XL20
Download  A80C186XL20 Download

File Size   405.66 Kbytes
Page   48 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

A80C186XL20 Datasheet (PDF)

Go To PDF Page Download Datasheet
A80C186XL20 Datasheet PDF - Intel Corporation

Part # A80C186XL20
Download  A80C186XL20 Click to download

File Size   405.66 Kbytes
Page   48 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

A80C186XL20 Datasheet (HTML) - Intel Corporation

Back Button A80C186XL20 Datasheet HTML 1Page - Intel Corporation A80C186XL20 Datasheet HTML 2Page - Intel Corporation A80C186XL20 Datasheet HTML 3Page - Intel Corporation A80C186XL20 Datasheet HTML 4Page - Intel Corporation A80C186XL20 Datasheet HTML 5Page - Intel Corporation A80C186XL20 Datasheet HTML 6Page - Intel Corporation A80C186XL20 Datasheet HTML 7Page - Intel Corporation A80C186XL20 Datasheet HTML 8Page - Intel Corporation A80C186XL20 Datasheet HTML 9Page - Intel Corporation A80C186XL20 Datasheet HTML 10Page - Intel Corporation Next Button 

A80C186XL20 Product details

INTRODUCTION
Unless specifically noted, all references to the 80C186XL apply to the 80C188XL. References to pins that differ between the 80C186XL and the 80C188XL are given in parentheses.
The following Functional Description describes the base architecture of the 80C186XL. The 80C186XL is a very high integration 16-bit microprocessor. It combines 15–20 of the most common microproces sor system components onto one chip. The 80C186XL is object code compatible with the 8086/8088 microprocessors and adds 10 new in struction types to the 8086/8088 instruction set.

■ Low Power, Fully Static Versions of 80C186/80C188
■ Operation Modes:
   - Enhanced Mode
   - DRAM Refresh Control Unit
   - Power-Save Mode
   - Direct Interface to 80C187 (80C186XL Only)
   - Compatible Mode
   - NMOS 80186/80188 Pin-for-Pin Replacement for Non-Numerics Applications
■ Integrated Feature Set
   - Static, Modular CPU
   - Clock Generator
   - 2 Independent DMA Channels
   - Programmable Interrupt Controller
   - 3 Programmable 16-Bit Timers
   - Dynamic RAM Refresh Control Unit
   - Programmable Memory and Peripheral Chip Select Logic
   - Programmable Wait State Generator
   - Local Bus Controller
   - Power-Save Mode
   - System-Level Testing Support (High Impedance Test Mode)
■ Completely Object Code Compatible with Existing 8086/8088 Software and Has 10 Additional Instructions over 8086/8088
■ Speed Versions Available
   - 25 MHz (80C186XL25/80C188XL25)
   - 20 MHz (80C186XL20/80C188XL20)
   - 12 MHz (80C186XL12/80C188XL12)
■ Direct Addressing Capability to 1 MByte Memory and 64 Kbyte I/O
■ Available in 68-Pin:
   - Plastic Leaded Chip Carrier (PLCC)
   - Ceramic Pin Grid Array (PGA)
   - Ceramic Leadless Chip Carrier (JEDEC A Package)
■ Available in 80-Pin:
   - Quad Flat Pack (EIAJ)
   - Shrink Quad Flat Pack (SGFP)
■ Available in Extended Temperature Range (-40°C to +85°C)




Similar Part No. - A80C186XL20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
List of Unclassifed Man...
A80 ETC2-A80 Datasheet
2Mb / 43P
   NEON with SIMD and VFPv4 support
logo
M/A-COM Technology Solu...
A80 MA-COM-A80 Datasheet
635Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
   10 TO 200 MHz CASCADABLE AMPLIFIER
More results


Similar Description - A80C186XL20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com