Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2-L-24V Datasheet (PDF) - Panasonic Semiconductor

TQ2-L-24V Datasheet PDF - Panasonic Semiconductor
Part # TQ2-L-24V
Download  TQ2-L-24V Download

File Size   186.55 Kbytes
Page   11 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment

TQ2-L-24V Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ2-L-24V Datasheet PDF - Panasonic Semiconductor

Part # TQ2-L-24V
Download  TQ2-L-24V Click to download

File Size   186.55 Kbytes
Page   11 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment

TQ2-L-24V Datasheet (HTML) - Panasonic Semiconductor

Back Button TQ2-L-24V Datasheet HTML 1Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 2Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 3Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 4Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 5Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 6Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 7Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 8Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 9Page - Panasonic Semiconductor TQ2-L-24V Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

TQ2-L-24V Product details

FEATURES
• High sensitivity:
   2 Form C: 140 mW power consumption (single side stable type)
   4 Form C: 280 mW power consumption (single side stable type)
• Surge voltage withstand: 1500 V FCC Part 68
• Sealed construction allows automatic washing
• Self-clinching terminal also available
• M.B.B. contact types available




Similar Part No. - TQ2-L-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2-L-24V NAIS-TQ2-L-24V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
More results


Similar Description - TQ2-L-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com