Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5337G Datasheet (PDF) - Rohm

BD5337G Datasheet PDF - Rohm
Part # BD5337G
Download  BD5337G Download

File Size   308.66 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Delay Time Setting CMOS Voltage Detector IC Series

BD5337G Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5337G Datasheet PDF - Rohm

Part # BD5337G
Download  BD5337G Click to download

File Size   308.66 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Delay Time Setting CMOS Voltage Detector IC Series

BD5337G Datasheet (HTML) - Rohm

Back Button BD5337G Datasheet HTML 1Page - Rohm BD5337G Datasheet HTML 2Page - Rohm BD5337G Datasheet HTML 3Page - Rohm BD5337G Datasheet HTML 4Page - Rohm BD5337G Datasheet HTML 5Page - Rohm BD5337G Datasheet HTML 6Page - Rohm BD5337G Datasheet HTML 7Page - Rohm BD5337G Datasheet HTML 8Page - Rohm BD5337G Datasheet HTML 9Page - Rohm BD5337G Datasheet HTML 10Page - Rohm Next Button 

BD5337G Product details

Description
ROHM’s BD52□□G/FVE and BD53□□G/FVE series are highly accurate, low current consumption reset IC series with a built-in delay circuit. The lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V in increments of 0.1V, so that the series may be selected according the application at hand.

Features
1)  Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2)  High accuracy detection voltage: ±1.0%
3)  Ultra-low current consumption: 0.8µA (Typ.)
4)  Nch open drain output (BD52□□G/FVE), CMOS output (BD53□□G/FVE)
5)  Compact packages  VSOF5: BD52□□FVE, BD53□□FVE
                                      SSOP5: BD52□□G, BD53□□G




Similar Part No. - BD5337G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5337G ROHM-BD5337G Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5337G ROHM-BD5337G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5337G-2C ROHM-BD5337G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5337G-2CTR ROHM-BD5337G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5337G-TR ROHM-BD5337G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
More results


Similar Description - BD5337G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com