Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S7N60A4DS Datasheet (PDF) - Fairchild Semiconductor

HGT1S7N60A4DS Datasheet PDF - Fairchild Semiconductor
Part # HGT1S7N60A4DS
Download  HGT1S7N60A4DS Download

File Size   143.32 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGT1S7N60A4DS Datasheet (PDF)

Go To PDF Page Download Datasheet
HGT1S7N60A4DS Datasheet PDF - Fairchild Semiconductor

Part # HGT1S7N60A4DS
Download  HGT1S7N60A4DS Click to download

File Size   143.32 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGT1S7N60A4DS Datasheet (HTML) - Fairchild Semiconductor

HGT1S7N60A4DS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S7N60A4DS Datasheet HTML 9Page - Fairchild Semiconductor

HGT1S7N60A4DS Product details

The HGTG7N60A4D, HGTP7N60A4D and HGT1S7N60A4DS are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25oC and 150oC. The IGBT used is the development type TA49331. The diode used in anti-parallel is the development type TA49370.
This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.

Features
• >100kHz Operation At 390V, 7A
• 200kHz Operation At 390V, 5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 75ns at TJ = 125°C
• Low Conduction Loss
• Temperature Compensating SABER™ Model www.fairchildsemi.com




Similar Part No. - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S7N60A4DS INTERSIL-HGT1S7N60A4DS Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGT1S7N60A4DS FAIRCHILD-HGT1S7N60A4DS Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1S7N60A4DS9A FAIRCHILD-HGT1S7N60A4DS9A Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGT1S7N60A4DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com