Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L1501 Datasheet (PDF) - Littelfuse

1812L1501 Datasheet PDF - Littelfuse
Part # 1812L1501
Download  1812L1501 Download

File Size   820.07 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series

1812L1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
1812L1501 Datasheet PDF - Littelfuse

Part # 1812L1501
Download  1812L1501 Click to download

File Size   820.07 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series

1812L1501 Datasheet (HTML) - Littelfuse

1812L1501 Datasheet HTML 1Page - Littelfuse 1812L1501 Datasheet HTML 2Page - Littelfuse 1812L1501 Datasheet HTML 3Page - Littelfuse 1812L1501 Datasheet HTML 4Page - Littelfuse 1812L1501 Datasheet HTML 5Page - Littelfuse 1812L1501 Datasheet HTML 6Page - Littelfuse

1812L1501 Product details

POLYFUSE® Resettable PTCs
Surface Mount > 1812L Series

Description
The 1812L Series PTC provides surface mount overcurrent protection for applications where resettable protection is desired.

Features
• RoHS compliant, lead-free and halogen-free1
• Fast response
• Compact design
• Low resistance
• Low-profile
• Compatible with high temperature solders

Applications
• Plug and play protection for motherboards and peripherals
• USB peripherals
• PCI cards
• Game console port protection




Similar Part No. - 1812L1501

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L1501 LITTELFUSE-1812L1501 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L15012 LITTELFUSE-1812L15012 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L15012 LITTELFUSE-1812L15012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L15012 LITTELFUSE-1812L15012 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L15012 LITTELFUSE-1812L15012 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
More results


Similar Description - 1812L1501

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com