Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA78T15TU Datasheet (PDF) - Fairchild Semiconductor

KA78T15TU Datasheet PDF - Fairchild Semiconductor
Part # KA78T15TU
Download  KA78T15TU Download

File Size   50.16 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 3A Positive Voltage Regulator

KA78T15TU Datasheet (PDF)

Go To PDF Page Download Datasheet
KA78T15TU Datasheet PDF - Fairchild Semiconductor

Part # KA78T15TU
Download  KA78T15TU Click to download

File Size   50.16 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 3A Positive Voltage Regulator

KA78T15TU Datasheet (HTML) - Fairchild Semiconductor

KA78T15TU Datasheet HTML 1Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 2Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 3Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 4Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 5Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 6Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 7Page - Fairchild Semiconductor KA78T15TU Datasheet HTML 8Page - Fairchild Semiconductor

KA78T15TU Product details

Description

This family of fixed voltage regulators are monolithic integrated circuit capable of driving loads in excess of 3.0A.



Features

• Output Current in Excess of 3.0A

• Output Transistor Safe Operating Area Compensation

• Power Dissipation: 25W

• Internal Short Circuit Current Limiting

• Internal Thermal Overload Protection

• Output Voltage Offered in 4% Tolerance

• No External Components Required

• Output Voltage of 5, 12 and 15V




Similar Part No. - KA78T15TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78T15 FAIRCHILD-KA78T15 Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15 FAIRCHILD-KA78T15 Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results


Similar Description - KA78T15TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com