Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD401Y Datasheet (PDF) - Fairchild Semiconductor

KSD401Y Datasheet PDF - Fairchild Semiconductor
Part # KSD401Y
Download  KSD401Y Download

File Size   76.51 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TV Vertical Deflection Output

KSD401Y Datasheet (PDF)

Go To PDF Page Download Datasheet
KSD401Y Datasheet PDF - Fairchild Semiconductor

Part # KSD401Y
Download  KSD401Y Click to download

File Size   76.51 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TV Vertical Deflection Output

KSD401Y Datasheet (HTML) - Fairchild Semiconductor


KSD401Y Product details

TV Vertical Deflection Output

• Collector-Base Voltage : VCBO=200V
• Collector Current : IC=2A
• Collector Dissipation : PC=25W(TC=25°C)
• Complement to KSB546




Similar Part No. - KSD401Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
   TV Vertical Deflection Output
More results


Similar Description - KSD401Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
   TV Vertical Deflection Output
logo
TEMIC Semiconductors
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
   TV Vertical Deflection Output Amplifier
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
   TV Vertical Deflection Output Amplifier
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
   TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Samsung semiconductor
KSB546 SAMSUNG-KSB546 Datasheet
267Kb / 8P
   PNP (TV VERTICAL DEFLECTION OUTPUT)
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
   NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com