Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0565RJ Datasheet (PDF) - Fairchild Semiconductor

FSCM0565RJ Datasheet PDF - Fairchild Semiconductor
Part # FSCM0565RJ
Download  FSCM0565RJ Download

File Size   468.88 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS)

FSCM0565RJ Datasheet (PDF)

Go To PDF Page Download Datasheet
FSCM0565RJ Datasheet PDF - Fairchild Semiconductor

Part # FSCM0565RJ
Download  FSCM0565RJ Click to download

File Size   468.88 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS)

FSCM0565RJ Datasheet (HTML) - Fairchild Semiconductor

Back Button FSCM0565RJ Datasheet HTML 1Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 2Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 3Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 4Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 5Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 9Page - Fairchild Semiconductor FSCM0565RJ Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSCM0565RJ Product details

Description
The FSCM0565R is an integrated Pulse Width Modulator (PWM) and SenseFET specifically designed for high performance offline Switch Mode Power Supplies (SMPS) with minimal external components. This device is an integrated high voltage power switching regulator which combines an avalanche rugged SenseFET with a current mode PWM control block.

Features
• Internal Avalanche Rugged SenseFET
• Low Start-up Current (max 40uA)
• Low Power Consumption under 1 W at 240VAC and 0.4W Load
• Precise Fixed Operating Frequency (66kHz)
• Frequency Modulation for low EMI
• Pulse by Pulse Current Limiting (Adjustable)
• Over Voltage Protection (OVP)
• Over Load Protection (OLP)
• Thermal Shutdown Function (TSD)
• Auto-Restart Mode
• Under Voltage Lock Out (UVLO) with Hysteresis
• Built-in Soft Start (15ms)

Application
• SMPS for VCR, SVR, STB, DVD and DVCD
• Adaptor
• SMPS for LCD Monitor




Similar Part No. - FSCM0565RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565RJ FAIRCHILD-FSCM0565RJ Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565RJ FAIRCHILD-FSCM0565RJ Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
More results


Similar Description - FSCM0565RJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com