Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A-25TC Datasheet (PDF) - ATMEL Corporation

AT29LV010A-25TC Datasheet PDF - ATMEL Corporation
Part # AT29LV010A-25TC
Download  AT29LV010A-25TC Download

File Size   721.9 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-megabit (128K x 8) 3-volt Only Flash Memory

AT29LV010A-25TC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29LV010A-25TC Datasheet PDF - ATMEL Corporation

Part # AT29LV010A-25TC
Download  AT29LV010A-25TC Click to download

File Size   721.9 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-megabit (128K x 8) 3-volt Only Flash Memory

AT29LV010A-25TC Datasheet (HTML) - ATMEL Corporation

Back Button AT29LV010A-25TC Datasheet HTML 1Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 2Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 3Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 4Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 5Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 6Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 7Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 8Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 9Page - ATMEL Corporation AT29LV010A-25TC Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT29LV010A-25TC Product details

Description

The AT29LV010A is a 3-volt only in-system Flash programmable and erasable read only memory (Flash). Its 1 megabit of memory is organized as 131,072 bytes by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 120 ns with power dissipation of just 54 mW over the commercial temperature range. When the device is deselected, the CMOS standby current is less than 40 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times.



Features

• Single Supply Voltage, Range 3V to 3.6V

• 3-volt Only Read and Write Operation

• Software Protected Programming

• Fast Read Access Time – 120 ns

• Low Power Dissipation

– 15 mA Active Current

– 40 µA CMOS Standby Current

• Sector Program Operation

– Single Cycle Reprogram (Erase and Program)

– 1024 Sectors (128 Bytes/Sector)

– Internal Address and Data Latches for 128 Bytes

• Two 8K Bytes Boot Blocks with Lockout

• Fast Sector Program Cycle Time – 20 ms

• Internal Program Control and Timer

• DATA Polling for End of Program Detection

• Typical Endurance > 10,000 Cycles

• CMOS and TTL Compatible Inputs and Outputs

• Commercial and Industrial Temperature Ranges




Similar Part No. - AT29LV010A-25TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-25TC ATMEL-AT29LV010A-25TC Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
More results


Similar Description - AT29LV010A-25TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com