Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8008-12GB Datasheet (PDF) - Richtek Technology Corporation

RT8008-12GB Datasheet PDF - Richtek Technology Corporation
Part # RT8008-12GB
Download  RT8008-12GB Download

File Size   388.33 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage

RT8008-12GB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8008-12GB Datasheet PDF - Richtek Technology Corporation

Part # RT8008-12GB
Download  RT8008-12GB Click to download

File Size   388.33 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage

RT8008-12GB Datasheet (HTML) - Richtek Technology Corporation

Back Button RT8008-12GB Datasheet HTML 1Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 2Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 3Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 4Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 5Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 6Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 7Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 8Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 9Page - Richtek Technology Corporation RT8008-12GB Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT8008-12GB Product details

General Description

The RT8008 is a high-efficiency pulse-width-modulated (PWM) step-down DC/DC converter. Capable of delivering 600mA output current over a wide input voltage range from 2.5V to 5.5V, the RT8008 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources within the range such as cellular phones, PDAs and handy-terminals.



Features

- 2.5V to 5.5V Input Range

- Adjustable Output From 0.6V to VIN

- 1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage

- 600mA Output Current, 1A Peak Current

- 95% Efficiency

- No Schottky Diode Required

- 1.5MH- Fixed Frequency PWM Operation

- Small SOT-23-5 and TSOT-23-5 Package

- RoHS Compliant and 100% Lead (Pb)-Free



Applications

- Cellular Telephones

- Personal Information Appliances

- Wireless and DSL Modems

- MP3 Players

- Portable Instruments



 




Similar Part No. - RT8008-12GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-12PB RICHTEK-RT8008-12PB Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008-12PJ5 RICHTEK-RT8008-12PJ5 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008-12QB RICHTEK-RT8008-12QB Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008-12QJ5 RICHTEK-RT8008-12QJ5 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8008-12GB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Interpion semiconductor
IP1117 INTERPION-IP1117 Datasheet
315Kb / 11P
   LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Maxim Integrated Produc...
MAX38641AEVK MAXIM-MAX38641AEVK Datasheet
455Kb / 6P
   1.0V to 3.3V Configurable Output Voltage
Rev 1; 7/19
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com