Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3330ARTZ-2.75R7 Datasheet (PDF) - Analog Devices

ADP3330ARTZ-2.75R7 Datasheet PDF - Analog Devices
Part # ADP3330ARTZ-2.75R7
Download  ADP3330ARTZ-2.75R7 Download

File Size   141.65 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator

ADP3330ARTZ-2.75R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3330ARTZ-2.75R7 Datasheet PDF - Analog Devices

Part # ADP3330ARTZ-2.75R7
Download  ADP3330ARTZ-2.75R7 Click to download

File Size   141.65 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator

ADP3330ARTZ-2.75R7 Datasheet (HTML) - Analog Devices

Back Button ADP3330ARTZ-2.75R7 Datasheet HTML 1Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 2Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 3Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 4Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 5Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 6Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 7Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 8Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 9Page - Analog Devices ADP3330ARTZ-2.75R7 Datasheet HTML 10Page - Analog Devices Next Button 

ADP3330ARTZ-2.75R7 Product details

GENERAL DESCRIPTION
The ADP3330 is a member of the Analog Devices, Inc., precision low dropout (LDO) anyCAP® voltage regulator family of products. The ADP3330 operates with an input voltage range of 2.9 V to 12 V and delivers a load current up to 200 mA. The ADP3330 stands out from the conventional LDOs with a novel architecture and an enhanced process that enables it to offer performance advantages and higher output current than its competition. Its patented design requires only a minimum output capacitor of 0.47 µF for stability. This device is insensitive to output capacitor equivalent series resistance (ESR), and is stable with any good quality capacitor, including ceramic (MLCC) types for space restricted applications.

FEATURES
   High accuracy over line and load
      ±0.7% at +25°C
      ±1.4% over temperature
   Ultralow dropout voltage: 140 mV (typical) at 200 mA
   Requires only COUT= 0.47 μF for stability
   anyCAP = stable with any type of capacitor, including
      multilayer ceramic capacitors (MLCC)
   Current and thermal limiting
   Low noise
   Low shutdown current: <2 µA
   2.9 V to 12 V supply range
   –40°C to +85°C ambient temperature range
   Ultrasmall, thermally enhanced, chip-on-lead™ 6-lead SOT-23
      package

APPLICATIONS
   Cell phones
   Notebook and palmtop computers
   Battery-powered systems
   PCMCIA regulators
   Bar code scanners
   Camcorders and cameras




Similar Part No. - ADP3330ARTZ-2.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results


Similar Description - ADP3330ARTZ-2.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com