Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EE Datasheet (PDF) - Rohm

DTC143EE Datasheet PDF - Rohm
Part # DTC143EE
Download  DTC143EE Download

File Size   532.03 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Built-In Biasing Resistors, R1 = R2 = 4.7kW.

DTC143EE Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC143EE Datasheet PDF - Rohm

Part # DTC143EE
Download  DTC143EE Click to download

File Size   532.03 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Built-In Biasing Resistors, R1 = R2 = 4.7kW.

DTC143EE Datasheet (HTML) - Rohm

Back Button DTC143EE Datasheet HTML 1Page - Rohm DTC143EE Datasheet HTML 2Page - Rohm DTC143EE Datasheet HTML 3Page - Rohm DTC143EE Datasheet HTML 4Page - Rohm DTC143EE Datasheet HTML 5Page - Rohm DTC143EE Datasheet HTML 6Page - Rohm DTC143EE Datasheet HTML 7Page - Rohm DTC143EE Datasheet HTML 8Page - Rohm DTC143EE Datasheet HTML 9Page - Rohm DTC143EE Datasheet HTML 10Page - Rohm Next Button 

DTC143EE Product details

Features
1) Built-In Biasing Resistors, R1 = R2 = 4.7kΩ
2) Built-in bias resistors enable the configuration of
   an inverter circuit without connecting external
   input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
   for operation, making the circuit design easy.
4) Complementary PNP Types: DTA143E series

Application
   INVERTER, INTERFACE,DRIVER




Similar Part No. - DTC143EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EE ROHM-DTC143EE Datasheet
87Kb / 4P
   Digital transistors (built-in resistors)
DTC143EE ROHM-DTC143EE Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Shanghai Leiditech Elec...
DTC143EE LEIDITECH-DTC143EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Jiangsu Changjiang Elec...
DTC143EE JIANGSU-DTC143EE Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTC143EE ROHM-DTC143EE Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Similar Description - DTC143EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
   Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
   Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com