Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21B224KBFNNNG Datasheet (PDF) - Samsung semiconductor

CL21B224KBFNNNG Datasheet PDF - Samsung semiconductor
Part # CL21B224KBFNNNG
Download  CL21B224KBFNNNG Download
File Size   139.99 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description CAP, 220?? 50V, 짹10%, X7R, 0805

CL21B224KBFNNNG Datasheet (PDF)

Go To PDF Page Download Datasheet
CL21B224KBFNNNG Datasheet PDF - Samsung semiconductor

Part # CL21B224KBFNNNG
Download  CL21B224KBFNNNG Click to download

File Size   139.99 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description CAP, 220?? 50V, 짹10%, X7R, 0805

CL21B224KBFNNNG Datasheet (HTML) - Samsung semiconductor




Similar Part No. - CL21B224KBFNNNG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21B224KBFNNN SAMSUNG-CL21B224KBFNNN Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
More results


Similar Description - CL21B224KBFNNNG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
CAP, 100?? 100V, 짹10%, X7R, 1206
CL31B474KBHNNNE SAMSUNG-CL31B474KBHNNNE Datasheet
140Kb / 2P
CAP, 470?? 50V, 짹10%, X7R, 1206
CL31B475KOHNNNE SAMSUNG-CL31B475KOHNNNE Datasheet
131Kb / 2P
CAP, 4.7?? 16V, 짹10%, X7R, 1206
CL10B103KB8NNND SAMSUNG-CL10B103KB8NNND Datasheet
282Kb / 3P
CAP, 10nF, 50V, 짹10%, X7R, 0603
CL10B104KB8NNND SAMSUNG-CL10B104KB8NNND Datasheet
282Kb / 3P
CAP, 100nF, 50V, 짹10%, X7R, 0603
CL21A475KBQNNNE SAMSUNG-CL21A475KBQNNNE Datasheet
252Kb / 2P
CAP, 4.7uF, 50V, 짹10%, X5R, 0805
CL21B104KBFNNNE SAMSUNG-CL21B104KBFNNNE Datasheet
83Kb / 2P
CAP, 100?? 50V, 짹10%, X7R, 0805
CL21B105KAFNNNE SAMSUNG-CL21B105KAFNNNE Datasheet
282Kb / 3P
CAP, 1uF, 25V, 짹10%, X7R, 0805
CL21C102JBCNNNC SAMSUNG-CL21C102JBCNNNC Datasheet
82Kb / 2P
CAP, 1?? 50V, 짹5%, C0G, 0805
CL21C621JBCNNNC SAMSUNG-CL21C621JBCNNNC Datasheet
207Kb / 2P
CAP, 620?? 50V, 짹 5%, C0G, 0805
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com