Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDH565 Datasheet (PDF) - Fairchild Semiconductor

FSDH565 Datasheet PDF - Fairchild Semiconductor
Part # FSDH565
Download  FSDH565 Download

File Size   119.64 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

FSDH565 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSDH565 Datasheet PDF - Fairchild Semiconductor

Part # FSDH565
Download  FSDH565 Click to download

File Size   119.64 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

FSDH565 Datasheet (HTML) - Fairchild Semiconductor

FSDH565 Datasheet HTML 1Page - Fairchild Semiconductor FSDH565 Datasheet HTML 2Page - Fairchild Semiconductor FSDH565 Datasheet HTML 3Page - Fairchild Semiconductor FSDH565 Datasheet HTML 4Page - Fairchild Semiconductor FSDH565 Datasheet HTML 5Page - Fairchild Semiconductor FSDH565 Datasheet HTML 6Page - Fairchild Semiconductor FSDH565 Datasheet HTML 7Page - Fairchild Semiconductor FSDH565 Datasheet HTML 8Page - Fairchild Semiconductor

FSDH565 Product details

Description
The FSDH565 is specially designed for an off-line SMPS with minimal external components. The FSDH565 is a monolithic high voltage power switching regulator that combine the SenseFET(LDMOS) with voltage mode PWM control block.

Features
• Single Chip 650V 0.5A SenseFET Power Switch
• Precision Fixed Operating Frequency (100kHz)
• Internal Start up Switch
• UVLO with Hysteresis (6.7V/8.7V)
• Over Load Protection
• Over Current Protection (0.3A)
• Internal Thermal Shutdown Function
• Secondary Side Regulation
• Auto-restart mode
• No load consumption <250mW at 265VAC input

Applications
• Charger & Adaptor for Mobile Phone, PDA & MP3
• Auxiliary Power for PC, C-TV, Monitor




Similar Part No. - FSDH565

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH0165 FAIRCHILD-FSDH0165 Datasheet
93Kb / 8P
   Fairchild Power Switch(FPS)
FSDH0165 FAIRCHILD-FSDH0165 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0165D FAIRCHILD-FSDH0165D Datasheet
206Kb / 8P
   Fairchild Power Switch(FPS)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RL FAIRCHILD-FSDH0265RL Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results


Similar Description - FSDH565

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com