Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4020L Datasheet (PDF) - Littelfuse

D4020L Datasheet PDF - Littelfuse
Part # D4020L
Download  D4020L Download
File Size   598.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon rectifiers that are excellent for DC phase control applications with motor loads.

D4020L Datasheet (PDF)

Go To PDF Page Download Datasheet
D4020L Datasheet PDF - Littelfuse

Part # D4020L
Download  D4020L Click to download

File Size   598.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Silicon rectifiers that are excellent for DC phase control applications with motor loads.

D4020L Datasheet (HTML) - Littelfuse


D4020L Product details

Description

Silicon rectifers that are excellent for DC phase control applications with motor loads. Isolated mounting tab allows for use in circuits with common anode or common cathode connections.



Features & Benefts

• RoHS Compliant

• Glass – passivated junctions

• Voltage capability up to 1000 V

• Surge capability up to 350 A




Similar Part No. - D4020L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4020L LITTELFUSE-D4020L Datasheet
103Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D4020L LITTELFUSE-D4020L Datasheet
109Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers
logo
Inchange Semiconductor ...
D4020L ISC-D4020L Datasheet
309Kb / 2P
Ultra fast Rectifier
logo
Littelfuse
D4020L52TP LITTELFUSE-D4020L52TP Datasheet
103Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D4020L59 LITTELFUSE-D4020L59 Datasheet
598Kb / 5P
Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
More results


Similar Description - D4020L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DXX15L LITTELFUSE-DXX15L Datasheet
598Kb / 5P
Silicon rectifiers that are excellent for DC phase control applications with motor loads.
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
Excellent unidirectional switches for phase control applications
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com