Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6S0965RCBYDTU Datasheet (PDF) - Fairchild Semiconductor

FS6S0965RCBYDTU Datasheet PDF - Fairchild Semiconductor
Part # FS6S0965RCBYDTU
Download  FS6S0965RCBYDTU Download

File Size   572.34 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

FS6S0965RCBYDTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FS6S0965RCBYDTU Datasheet PDF - Fairchild Semiconductor

Part # FS6S0965RCBYDTU
Download  FS6S0965RCBYDTU Click to download

File Size   572.34 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

FS6S0965RCBYDTU Datasheet (HTML) - Fairchild Semiconductor

FS6S0965RCBYDTU Datasheet HTML 1Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 2Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 3Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 4Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 5Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 6Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 7Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 8Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 9Page - Fairchild Semiconductor FS6S0965RCBYDTU Datasheet HTML 10Page - Fairchild Semiconductor

FS6S0965RCBYDTU Product details

Description
The Fairchild Power Switch(FPS) product family are specially designed for an off line SMPS with minimal external components. The Fairchild Power Switch(FPS) consists of a high voltage power SenseFET and a current mode PWM IC. Included PWM controller features the integrated fixed oscillator, the under voltage lockout, the optimized gate turn on/turn off driver, the thermal shut down protection, the over voltage protection, and the temperature compensated precision current sources for the loop compensation and the fault protection circuitry.
   
Features
• Wide Operating Frequency Range up to 150kHz
• Lowest Cost SMPS Solution
• Lowest External Components
• Low Start up Current (Max:170uA)
• Low Operating Current (Max:15mA)
• Internal High Voltage SenseFET
• Built-in Auto Restart Circuit
• Over Voltage Protection (Auto Restart Mode)
• Over Load Protection (Auto Restart Mode)
• Over Current Protection (Auto Restart Mode)
• Internal Thermal Protection(Auto Restart Mode)
• Pulse By Pulse Over Current Limiting
• Internal Burst Mode Controller for Stand-by Mode
• Under Voltage Lockout With Hysteresis
• External Sync. Terminal
   
Application
• Monitor SMPS
   




Similar Part No. - FS6S0965RCBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-TU FAIRCHILD-FS6S0965RC-TU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC-YDTU FAIRCHILD-FS6S0965RC-YDTU Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
More results


Similar Description - FS6S0965RCBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com