Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS86252 Datasheet (PDF) - Fairchild Semiconductor

FDMS86252 Datasheet PDF - Fairchild Semiconductor
Part # FDMS86252
Download  FDMS86252 Download

File Size   268.27 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A

FDMS86252 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMS86252 Datasheet PDF - Fairchild Semiconductor

Part # FDMS86252
Download  FDMS86252 Click to download

File Size   268.27 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A

FDMS86252 Datasheet (HTML) - Fairchild Semiconductor

FDMS86252 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86252 Datasheet HTML 7Page - Fairchild Semiconductor



Similar Part No. - FDMS86252

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
logo
ON Semiconductor
FDMS86255 ONSEMI-FDMS86255 Datasheet
333Kb / 7P
   MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
August, 2021 ??Rev. 0
More results


Similar Description - FDMS86252

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
FQA13N80-F109 FAIRCHILD-FQA13N80-F109 Datasheet
1Mb / 8P
   12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRF7821GPBF IRF-IRF7821GPBF Datasheet
293Kb / 10P
   Very Low RDS(on) at 4.5V VGS
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
   SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
688Kb / 11P
   SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com