Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T04NUX-W Datasheet (PDF) - Rohm

BR24T04NUX-W Datasheet PDF - Rohm
Part # BR24T04NUX-W
Download  BR24T04NUX-W Download

File Size   430.63 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High Reliability Serial EEPROMs

BR24T04NUX-W Datasheet (PDF)

Go To PDF Page Download Datasheet
BR24T04NUX-W Datasheet PDF - Rohm

Part # BR24T04NUX-W
Download  BR24T04NUX-W Click to download

File Size   430.63 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High Reliability Serial EEPROMs

BR24T04NUX-W Datasheet (HTML) - Rohm

Back Button BR24T04NUX-W Datasheet HTML 1Page - Rohm BR24T04NUX-W Datasheet HTML 2Page - Rohm BR24T04NUX-W Datasheet HTML 3Page - Rohm BR24T04NUX-W Datasheet HTML 4Page - Rohm BR24T04NUX-W Datasheet HTML 5Page - Rohm BR24T04NUX-W Datasheet HTML 6Page - Rohm BR24T04NUX-W Datasheet HTML 7Page - Rohm BR24T04NUX-W Datasheet HTML 8Page - Rohm BR24T04NUX-W Datasheet HTML 9Page - Rohm BR24T04NUX-W Datasheet HTML 10Page - Rohm Next Button 

BR24T04NUX-W Product details

General Description
BR24T04-W is a serial EEPROM of I2C BUS Interface Method

Features
■ Completely conforming to the world standard I2C
   BUS.
   All controls available by 2 ports of serial clock
   (SCL) and serial data (SDA)
■ Other devices than EEPROM can be connected to
   the same port, saving microcontroller port
■ 1.6V to 5.5V Single Power Source Action most
   suitable for battery use
■ 1.6V to 5.5V wide limit of action voltage, possible
   FAST MODE 400kHz action
■ Page Write Mode useful for initial value write at
   factory shipment
■ Self-timed Programming Cycle
■ Low Current Consumption
■ Prevention of Write Mistake
   ➤ Write (Write Protect) Function added
   ➤ Prevention of Write Mistake at Low Voltage
■ More than 1 million write cycles
■ More than 40 years data retention
■ Noise filter built In SCL / SDA terminal
■ Initial delivery state FFh




Similar Part No. - BR24T04NUX-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T04NUX-WG ROHM-BR24T04NUX-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T04NUX-WG ROHM-BR24T04NUX-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T04NUX-WGE2 ROHM-BR24T04NUX-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T04NUX-WGE2 ROHM-BR24T04NUX-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T04NUX-WGE2 ROHM-BR24T04NUX-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Similar Description - BR24T04NUX-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com