Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL128SAGMFIR01 Datasheet (PDF) - SPANSION

S25FL128SAGMFIR01 Datasheet PDF - SPANSION
Part # S25FL128SAGMFIR01
Download  S25FL128SAGMFIR01 Download

File Size   5402.47 Kbytes
Page   153 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O

S25FL128SAGMFIR01 Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL128SAGMFIR01 Datasheet PDF - SPANSION

Part # S25FL128SAGMFIR01
Download  S25FL128SAGMFIR01 Click to download

File Size   5402.47 Kbytes
Page   153 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O

S25FL128SAGMFIR01 Datasheet (HTML) - SPANSION

Back Button S25FL128SAGMFIR01 Datasheet HTML 1Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 2Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 3Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 4Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 5Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 6Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 7Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 8Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 9Page - SPANSION S25FL128SAGMFIR01 Datasheet HTML 10Page - SPANSION Next Button 

S25FL128SAGMFIR01 Product details

General Description
The Spansion S25FL128S and S25FL256S devices are flash non-volatile memory products using:
■ MirrorBit technology - that stores two data bits in each memory array transistor
■ Eclipse architecture - that dramatically improves program and erase performance
■ 65 nm process lithography

This family of devices connect to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single bit serial input and output (SIngle I/O or SIO) is supported as well as optional two bit (Dual I/O or DIO) and four bit (Quad I/O or QIO) serial commands. This multiple width interface is called SPI Multi-I/O or MIO. In addition, the FL-S family adds support for Double Data Rate (DDR) read commands for SIO, DIO, and QIO that transfer address and read data on both edges of the clock.
The Eclipse architecture features a Page Programming Buffer that allows up to 128 words (256 bytes) or 256 words (512 bytes) to be programmed in one operation, resulting in faster effective programming and erase than prior generation SPI program or erase algorithms.
Executing code directly from flash memory is often called Execute-In-Place or XIP. By using FL-S devices at the higher clock rates supported, with QIO or DDR-QIO commands, the instruction read transfer rate can match or exceed traditional parallel interface, asynchronous, NOR flash memories while reducing signal count dramatically.
The S25FL128S and S25FL256S products offer high densities coupled with the flexibility and fast performance required by a variety of embedded applications. They are ideal for code shadowing, XIP, and data storage.

Features
■ Density
   – 128 Mbits (16 Mbytes)
   – 256 Mbits (32 Mbytes)
■ Serial Peripheral Interface (SPI)
   – SPI Clock polarity and phase modes 0 and 3
   – Double Data Rate (DDR) option
   – Extended Addressing: 24- or 32-bit address options
   – Serial Command set and footprint compatible with S25FL-A,
      S25FL-K, and S25FL-P SPI families
   – Multi I/O Command set and footprint compatible with
      S25FL-P SPI family
■ READ Commands
   – Normal, Fast, Dual, Quad, Fast DDR, Dual DDR, Quad DDR
   – AutoBoot - power up or reset and execute a Normal or Quad read
      command automatically at a preselected address
   – Common Flash Interface (CFI) data for configuration information.
■ Programming (1.5 Mbytes/s)
   – 256 or 512 Byte Page Programming buffer options
   – Quad-Input Page Programming (QPP) for slow clock systems
■ Erase (0.5 to 0.65 Mbytes/s)
   – Hybrid sector size option - physical set of thirty two 4-kbyte sectors
      at top or bottom of address space with all remaining sectors of
      64 kbytes, for compatibility with prior generation S25FL devices
   – Uniform sector option - always erase 256-kbyte blocks for software
      compatibility with higher density and future devices.
■ Cycling Endurance
   – 100,000 Program-Erase Cycles on any sector typical
■ Data Retention
   – 20 Year Data Retention typical
■ Security features
   – One Time Program (OTP) array of 1024 bytes
   – Block Protection:
   – Status Register bits to control protection against program or
      erase of a contiguous range of sectors.
   – Hardware and software control options
   – Advanced Sector Protection (ASP)
   – Individual sector protection controlled by boot code or password
■ Spansion® 65 nm MirrorBit Technology with Eclipse™ Architecture
■ Core Supply Voltage: 2.7V to 3.6V
■ I/O Supply Voltage: 1.65V to 3.6V
   – SO16 and FBGA packages
■ Temperature Range:
   – Industrial (-40°C to +85°C)
   – Automotive In-Cabin (-40°C to +105°C)
■ Packages (all Pb-free)
   – 16-lead SOIC (300 mil)
   – WSON 6 x 8 mm
   – BGA-24 6 x 8 mm
   – 5 x 5 ball (FAB024) and 4 x 6 ball (FAC024) footprint options
   – Known Good Die and Known Tested Die




Similar Part No. - S25FL128SAGMFIR01

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIQ03 SPANSION-S25FL128SAGMFIQ03 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results


Similar Description - S25FL128SAGMFIR01

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL128SDPMFIG11 SPANSION-S25FL128SDPMFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
logo
SPANSION
S25FL132K SPANSION-S25FL132K Datasheet
3Mb / 85P
   CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com