Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM40A Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

GSM40A Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # GSM40A
Download  GSM40A Download

File Size   917.78 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 40W AC-DC Single Output Medical Type

GSM40A Datasheet (PDF)

Go To PDF Page Download Datasheet
GSM40A Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # GSM40A
Download  GSM40A Click to download

File Size   917.78 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 40W AC-DC Single Output Medical Type

GSM40A Datasheet (HTML) - Mean Well Enterprises Co., Ltd.

GSM40A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM40A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.

GSM40A Product details

■ Features:
• Universal AC input/Fullrange
• 3 pole AC inlet IEC320-C14
• High efficiency up to 91%
• Low leakage current < 100 μA
• Protections : Short circuit / Overload / Overvoltage
• Fully enclosed plastic case
• Medical safety approved ( MOPP level)
• Class I power (with earth pin)
• LED indicator for power on
• No load power consumption < 0.1W
• ErP step2 compliant (level Ⅴ)
• Meet EISA 2007 (Energy Independence and Security Act)
• 3 years warranty




Similar Part No. - GSM40A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
   40W AC-DC Reliable Green Medical Adaptor
More results


Similar Description - GSM40A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM18U MEANWELL-GSM18U Datasheet
266Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
GSM25B MEANWELL-GSM25B Datasheet
316Kb / 2P
   25W AC-DC Single Output Medical Type
GSM36E MEANWELL-GSM36E Datasheet
268Kb / 2P
   36W AC-DC Single Output Medical Type
GSM18B MEANWELL-GSM18B Datasheet
316Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60A MEANWELL-GSM60A Datasheet
937Kb / 2P
   60WA AC-DC Single Output Medical Type
GSM18E MEANWELL-GSM18E Datasheet
268Kb / 2P
   18W AC-DC Single Output Medical Type
GSM36B MEANWELL-GSM36B Datasheet
316Kb / 2P
   36W AC-DC Single Output Medical Type
GSM36U MEANWELL-GSM36U Datasheet
266Kb / 2P
   36W AC-DC Single Output Medical Type
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com