Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP6N45 Datasheet (PDF) - Fairchild Semiconductor

FQP6N45 Datasheet PDF - Fairchild Semiconductor
Part # FQP6N45
Download  FQP6N45 Download

File Size   571.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 450V N-Channel MOSFET

FQP6N45 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP6N45 Datasheet PDF - Fairchild Semiconductor

Part # FQP6N45
Download  FQP6N45 Click to download

File Size   571.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 450V N-Channel MOSFET

FQP6N45 Datasheet (HTML) - Fairchild Semiconductor

FQP6N45 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N45 Datasheet HTML 8Page - Fairchild Semiconductor

FQP6N45 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply, electronic lamp ballast based on half bridge.

Features
• 6.2A, 450V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 16 nC)
• Low Crss ( typical 11 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQP6N45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N40 FAIRCHILD-FQP6N40 Datasheet
736Kb / 8P
   400V N-Channel MOSFET
FQP6N40C FAIRCHILD-FQP6N40C Datasheet
851Kb / 10P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP6N40C ISC-FQP6N40C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 8P
   400V N-Channel MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results


Similar Description - FQP6N45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com