Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP1N60 Datasheet (PDF) - Fairchild Semiconductor

FQP1N60 Datasheet PDF - Fairchild Semiconductor
Part # FQP1N60
Download  FQP1N60 Download

File Size   519.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description QFET N-CHANNEL

FQP1N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP1N60 Datasheet PDF - Fairchild Semiconductor

Part # FQP1N60
Download  FQP1N60 Click to download

File Size   519.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description QFET N-CHANNEL

FQP1N60 Datasheet (HTML) - Fairchild Semiconductor

FQP1N60 Datasheet HTML 1Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 2Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 3Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 4Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 5Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 6Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 7Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 8Page - Fairchild Semiconductor

FQP1N60 Product details

FEATURES
• Advanced New Design
• Avalanche Rugged Technology
• Rugged Gate Oxide Technology
• Very Low Intrinsic Capacitances
• Excellent Switching Characteristics
• Unrivalled Gate Charge: 5.0nC (Typ.)
• Extended Safe Operating Area
• Lower RDS(ON): 9.3Ω (Typ.)
   



Similar Part No. - FQP1N60

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
FQP1N60 TGS-FQP1N60 Datasheet
65Kb / 1P
   600V N-Channel MOSFET
More results


Similar Description - FQP1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com