Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP16N15 Datasheet (PDF) - Fairchild Semiconductor

FQP16N15 Datasheet PDF - Fairchild Semiconductor
Part # FQP16N15
Download  FQP16N15 Download

File Size   732.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel MOSFET

FQP16N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP16N15 Datasheet PDF - Fairchild Semiconductor

Part # FQP16N15
Download  FQP16N15 Click to download

File Size   732.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel MOSFET

FQP16N15 Datasheet (HTML) - Fairchild Semiconductor

FQP16N15 Datasheet HTML 1Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 2Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 3Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 4Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 5Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 6Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 7Page - Fairchild Semiconductor FQP16N15 Datasheet HTML 8Page - Fairchild Semiconductor

FQP16N15 Product details

150V N-Channel MOSFET



Similar Part No. - FQP16N15

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
FQP16N15 TRIPATH-FQP16N15 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
Inchange Semiconductor ...
FQP16N15 ISC-FQP16N15 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP16N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com