Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU17P06 Datasheet (PDF) - Fairchild Semiconductor

FQU17P06 Datasheet PDF - Fairchild Semiconductor
Part # FQU17P06
Download  FQU17P06 Download

File Size   682.2 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel MOSFET

FQU17P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQU17P06 Datasheet PDF - Fairchild Semiconductor

Part # FQU17P06
Download  FQU17P06 Click to download

File Size   682.2 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel MOSFET

FQU17P06 Datasheet (HTML) - Fairchild Semiconductor

FQU17P06 Datasheet HTML 1Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 2Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 3Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 4Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 5Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 6Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 7Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 8Page - Fairchild Semiconductor FQU17P06 Datasheet HTML 9Page - Fairchild Semiconductor

FQU17P06 Product details

Description
This P-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications.

Features
• -12 A, -60 V, RDS(on) = 135 mΩ (Max.) @ VGS = -10 V, ID = -6 A
• Low Gate Charge (Typ. 21 nC)
• Low Crss (Typ. 80 pF)
• 100% Avalanche Tested




Similar Part No. - FQU17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU17P06 FAIRCHILD-FQU17P06 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
FQU17P06 FAIRCHILD-FQU17P06 Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
logo
VBsemi Electronics Co.,...
FQU17P06 VBSEMI-FQU17P06 Datasheet
973Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQU17P06 ISC-FQU17P06 Datasheet
371Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
More results


Similar Description - FQU17P06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com