Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI13N10 Datasheet (PDF) - Fairchild Semiconductor

FQI13N10 Datasheet PDF - Fairchild Semiconductor
Part # FQI13N10
Download  FQI13N10 Download

File Size   628.83 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel MOSFET

FQI13N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQI13N10 Datasheet PDF - Fairchild Semiconductor

Part # FQI13N10
Download  FQI13N10 Click to download

File Size   628.83 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel MOSFET

FQI13N10 Datasheet (HTML) - Fairchild Semiconductor

FQI13N10 Datasheet HTML 1Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 2Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 3Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 4Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 5Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 6Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 7Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 8Page - Fairchild Semiconductor FQI13N10 Datasheet HTML 9Page - Fairchild Semiconductor

FQI13N10 Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as audio amplifier, high efficiency switching DC/DC converters, and DC motor control.



Features

• 12.8A, 100V, RDS(on) = 0.18Ω @VGS = 10 V

• Low gate charge ( typical 12 nC)

• Low Crss ( typical 20 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• 175°C maximum junction temperature rating




Similar Part No. - FQI13N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI13N10L FAIRCHILD-FQI13N10L Datasheet
564Kb / 9P
   100V LOGIC N-Channel MOSFET
More results


Similar Description - FQI13N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com