Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQAF9N90 Datasheet (PDF) - Fairchild Semiconductor

FQAF9N90 Datasheet PDF - Fairchild Semiconductor
Part # FQAF9N90
Download  FQAF9N90 Download

File Size   678.29 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 900V N-Channel MOSFET

FQAF9N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQAF9N90 Datasheet PDF - Fairchild Semiconductor

Part # FQAF9N90
Download  FQAF9N90 Click to download

File Size   678.29 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 900V N-Channel MOSFET

FQAF9N90 Datasheet (HTML) - Fairchild Semiconductor

FQAF9N90 Datasheet HTML 1Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 2Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 3Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 4Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 5Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 6Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 7Page - Fairchild Semiconductor FQAF9N90 Datasheet HTML 8Page - Fairchild Semiconductor

FQAF9N90 Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supplies.



Features

• 5.9A, 900V, RDS(on)= 1.3Ω@VGS= 10 V

• Low gate charge ( typical 55 nC)

• Low Crss ( typical 25 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability




Similar Part No. - FQAF9N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF9N50 FAIRCHILD-FQAF9N50 Datasheet
691Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF9N50 ISC-FQAF9N50 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQAF9N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com