Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N35-000E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

4N35-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 4N35-000E
Download  4N35-000E Download

File Size   245.64 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler General Purpose Type

4N35-000E Datasheet (PDF)

Go To PDF Page Download Datasheet
4N35-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 4N35-000E
Download  4N35-000E Click to download

File Size   245.64 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler General Purpose Type

4N35-000E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

4N35-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N35-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED

4N35-000E Product details

Description
The 4N35 is an optocoupler for general purpose applications. It contains a light emitting diode optically coupled to a photo-transistor. It is packaged in a 6-pin DIP package and available in wide-lead spacing option and lead bend SMD option. Response time, tr, is typically 3 µs and minimum CTR is 100% at input current of 10 mA.

Features
• High Current Transfer Ratio
   (CTR: min. 100% at IF = 10 mA, VCE = 10 V)
• Response time
   (tr: typ., 3 µs at VCE = 10 V, IC = 2 mA, RL = 100 Ω)
• Input-output isolation voltage
   (Viso = 3550 Vrms)
• Dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2 approved
• Options available:         
   – Leads with 0.4" (10.16 mm) spacing (W00)
   – Leads bends for surface mounting (300)
   – Tape and reel for SMD (500)       
   – IEC/EN/DIN EN 60747-5-2 approvals (060)

Applications
• I/O interfaces for computers
• System appliances, measuring instruments
• Signal transmission between circuits of different
   potentials and impedances




Similar Part No. - 4N35-000E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
4N35-220 ISC-4N35-220 Datasheet
165Kb / 2P
   isc N-Channel MOSFET Transistor
logo
AVAGO TECHNOLOGIES LIMI...
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
CT Micro International ...
4N35-G CTMICRO-4N35-G Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
4N35-M FAIRCHILD-4N35-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Similar Description - 4N35-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com