Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EKA Datasheet (PDF) - Rohm

DTA114EKA Datasheet PDF - Rohm
Part # DTA114EKA
Download  DTA114EKA Download

File Size   275.93 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DTA114E series

DTA114EKA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA114EKA Datasheet PDF - Rohm

Part # DTA114EKA
Download  DTA114EKA Click to download

File Size   275.93 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DTA114E series

DTA114EKA Datasheet (HTML) - Rohm

Back Button DTA114EKA Datasheet HTML 1Page - Rohm DTA114EKA Datasheet HTML 2Page - Rohm DTA114EKA Datasheet HTML 3Page - Rohm DTA114EKA Datasheet HTML 4Page - Rohm DTA114EKA Datasheet HTML 5Page - Rohm DTA114EKA Datasheet HTML 6Page - Rohm DTA114EKA Datasheet HTML 7Page - Rohm DTA114EKA Datasheet HTML 8Page - Rohm DTA114EKA Datasheet HTML 9Page - Rohm DTA114EKA Datasheet HTML 10Page - Rohm Next Button 

DTA114EKA Product details

−100mA / −50V Digital transistors
(with built-in resistors)

Features
1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making the device design easy.

Applications
Inverter, Interface, Driver




Similar Part No. - DTA114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EKA ROHM-DTA114EKA Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA114EKA ROHM-DTA114EKA Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
logo
Leshan Radio Company
DTA114EKA LRC-DTA114EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA114EKA ROHM-DTA114EKA Datasheet
275Kb / 11P
   DTA114E series
DTA114EKA ROHM-DTA114EKA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
More results


Similar Description - DTA114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EUAT106 ROHM-DTA114EUAT106 Datasheet
275Kb / 11P
   DTA114E series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com