Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q128A13ESE40G Datasheet (PDF) - Micron Technology

N25Q128A13ESE40G Datasheet PDF - Micron Technology
Part # N25Q128A13ESE40G
Download  N25Q128A13ESE40G Download

File Size   1087.94 Kbytes
Page   81 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q128A

N25Q128A13ESE40G Datasheet (PDF)

Go To PDF Page Download Datasheet
N25Q128A13ESE40G Datasheet PDF - Micron Technology

Part # N25Q128A13ESE40G
Download  N25Q128A13ESE40G Click to download

File Size   1087.94 Kbytes
Page   81 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q128A

N25Q128A13ESE40G Datasheet (HTML) - Micron Technology


N25Q128A13ESE40G Product details

Description

The N25Q is the first high-performance multiple input/output serial Flash memory device manufactured on 65nm NOR technology. It features execute-in-place (XIP) func tionality, advanced write protection mechanisms, and a high-speed SPI-compatible bus interface. The innovative, high-performance, dual and quad input/output instructions enable double or quadruple the transfer bandwidth for READ and PROGRAM operations.



Features

The memory is organized as 256 (64KB) main sectors that are further divided into 16 subsectors each (4096 subsectors in total). The memory can be erased one 4KB subsec tor at a time, 64KB sectors at a time, or as a whole.

The memory can be write protected by software through volatile and nonvolatile protection features, depending on the application needs. The protection granularity is of 64KB (sector granularity) for volatile protections The device has 64 one-time programmable (OTP) bytes that can be read and programmed with the READ OTP and PROGRAM OTP commands. These 64 bytes can also be permanently locked with a PROGRAM OTP command. The device also has the ability to pause and resume PROGRAM and ERASE cycles by using dedicated PROGRAM/ERASE SUSPEND and RESUME instructions.




Similar Part No. - N25Q128A13ESE40G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A13ESE40E MICRON-N25Q128A13ESE40E Datasheet
1Mb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q128A
More results


Similar Description - N25Q128A13ESE40G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A13ESE40E MICRON-N25Q128A13ESE40E Datasheet
1Mb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q128A
N25Q512A13GSF40F MICRON-N25Q512A13GSF40F Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13ESFA0F MICRON-N25Q064A13ESFA0F Datasheet
1Mb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q032A13ESF40G MICRON-N25Q032A13ESF40G Datasheet
878Kb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13EF640F MICRON-N25Q064A13EF640F Datasheet
1Mb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q064A13ESF40G MICRON-N25Q064A13ESF40G Datasheet
1Mb / 81P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q00AA11GSF40F MICRON-N25Q00AA11GSF40F Datasheet
1Mb / 89P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase
N25Q256A13EF840E MICRON-N25Q256A13EF840E Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q256A
N25Q512A13GF840E MICRON-N25Q512A13GF840E Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q512A
N25Q256A13E1240E MICRON-N25Q256A13E1240E Datasheet
1Mb / 91P
   Micron Serial NOR Flash Memory 3V, Multiple I/O, 4KB Sector Erase N25Q256A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com