Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3A1065 Datasheet (PDF) - Infineon Technologies AG

ICE3A1065 Datasheet PDF - Infineon Technologies AG
Part # ICE3A1065
Download  ICE3A1065 Download

File Size   818.41 Kbytes
Page   32 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?

ICE3A1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE3A1065 Datasheet PDF - Infineon Technologies AG

Part # ICE3A1065
Download  ICE3A1065 Click to download

File Size   818.41 Kbytes
Page   32 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?

ICE3A1065 Datasheet (HTML) - Infineon Technologies AG

Back Button ICE3A1065 Datasheet HTML 1Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 2Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 3Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 4Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 5Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 6Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 7Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 8Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 9Page - Infineon Technologies AG ICE3A1065 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

ICE3A1065 Product details

Description
The new generation CoolSET™-F3 provides Active Burst Mode to reach the lowest Standby Power Requirements <100mW at no load. As the controller is always active during Active Burst Mode, there is an immediate response on load jumps without any black out in the SMPS. In Active Burst Mode the ripple of the output voltage can be reduced <1%. Furthermore, to increase the robustness and safety of the system, the device enters into Auto Restart Mode in the cases of Overtemperature, VCC Overvoltage, Output Open Loop or Overload and VCC Undervoltage. By means of the internal precise peak current limitation, the dimension of the transformer and the secondary diode can be lowered which leads to more cost efficiency. An adjustable blanking window prevents the IC from entering Auto Restart or Active Burst Mode unintentionally during high load jumps. The CoolSET™-F3 family consists a wide power class range of products for various applications.

Product Highlights
• Best in class in DIP7, DIP8, TO220/I2Pak packages
• Active Burst Mode to reach the lowest Standby Power Requirements < 100mW
• Protection features (Auto Restart Mode) to increase robustness and safety of the system
• Adjustable Blanking Window for high load jumps to increase system reliability
• Isolated drain package for TO220/I2Pak
• Wide creepage distance for DIP7/TO220/I2Pak
• Wide power class of products for various applications
• Pb-free lead plating for all packages; RoHS compliant

Features
• 650V avalanche rugged CoolMOS™ with built in switchable Startup Cell
• Active Burst Mode for lowest Standby Power @ light load controlled by Feedback signal
• Fast load jump response in Active Burst Mode
• 67/100 kHz fixed switching frequency
• Auto Restart Mode for Overtemperature Detection
• Auto Restart Mode for Overvoltage Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• Blanking Window for short duration high current
• User defined Soft Start
• Minimum of external components required
• Max Duty Cycle 72%
• Overall tolerance of Current Limiting < ±5%
• Internal PWM Leading Edge Blanking
• Soft driving for low EMI

ICE3A0365
ICE3A0565
ICE3A1065
ICE3A1565
ICE3A2065
ICE3A2565
ICE3B0365
ICE3B0565
ICE3B1065
ICE3B1565
ICE3B2065
ICE3B2565




Similar Part No. - ICE3A1065

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A1065 INFINEON-ICE3A1065 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065 INFINEON-ICE3A1065 Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results


Similar Description - ICE3A1065

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com