Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3771PF-G-BND-JNE1 Datasheet (PDF) - Fujitsu Component Limited.

MB3771PF-G-BND-JNE1 Datasheet PDF - Fujitsu Component Limited.
Part # MB3771PF-G-BND-JNE1
Download  MB3771PF-G-BND-JNE1 Download

File Size   196.33 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description ASSP For power supply applications BIPOLAR Power Supply Monitor

MB3771PF-G-BND-JNE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3771PF-G-BND-JNE1 Datasheet PDF - Fujitsu Component Limited.

Part # MB3771PF-G-BND-JNE1
Download  MB3771PF-G-BND-JNE1 Click to download

File Size   196.33 Kbytes
Page   21 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description ASSP For power supply applications BIPOLAR Power Supply Monitor

MB3771PF-G-BND-JNE1 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3771PF-G-BND-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB3771PF-G-BND-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3771PF-G-BND-JNE1 Product details

■DESCRIPTION

The Fujitsu MB3771 is designed to monitor the voltage level of one or two power supplies (+5 V and an arbitrary voltage) in a microprocessor circuit, memoryboard in large-size computer, for example.

If the circuit’s power supply deviates more than a specified amount, then the MB3771 generates a reset signal to the microprocessor. Thus, the computer datais protected from accidental erasure.

Using the MB3771 requires few external components. To monitor only a +5 V supply, the MB3771 requires the connection of one external capacitor. The level of an arbitrary detection voltage is determined by two external resistors. The MB3771 is available in an 8-pin Dual In-Line, Single In-Line Package or space saving Flat Package.



■FEATURES

• Precision voltage detection (VSA= 4.2 V± 2.5 %)

• User selectable threshold level with hysteresis (VSB= 1.23 V± 1.5 %)

• Monitors the voltage of one or two power supplies (5 V and an arbitrary voltage,>1.23 V)

• Usable as over voltage detector

• Low voltage output for reset signal (VCC= 0.8 V Typ)

• Minimal number of external components (one capacitor Min)

• Low power dissipation (ICC= 0.35 mA Typ, VCC= 5 V)

• Detection threshold voltage has hysteresis function

• Reference voltage is connectable.

• One type of package (SOP-8pin : 1 type)



■APPLICATION

• Industrial Equipment

• Arcade Amusement etc.




Similar Part No. - MB3771PF-G-BND-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3771PF FUJITSU-MB3771PF Datasheet
183Kb / 20P
   Power Supply Monitor
MB3771PF FUJITSU-MB3771PF Datasheet
235Kb / 21P
   Power Supply Monitor
More results


Similar Description - MB3771PF-G-BND-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
MB39C326PW-G-EFE1 FUJITSU-MB39C326PW-G-EFE1 Datasheet
276Kb / 2P
   ASSP for Power Supply Applications 6MHz Synchronous Rectification Buck-Boost
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007D UTC-MJE13007D Datasheet
374Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18006G ONSEMI-MJE18006G Datasheet
191Kb / 7P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
MJE18008G ONSEMI-MJE18008G Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
logo
Unisonic Technologies
MJE13007 UTC-MJE13007_13 Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
129Kb / 12P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
May, 2001 ??Rev. 3
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com