Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6530T-4R7M Datasheet (PDF) - TDK Electronics

SPM6530T-4R7M Datasheet PDF - TDK Electronics
Part # SPM6530T-4R7M
Download  SPM6530T-4R7M Download

File Size   3366.15 Kbytes
Page   25 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications

SPM6530T-4R7M Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM6530T-4R7M Datasheet PDF - TDK Electronics

Part # SPM6530T-4R7M
Download  SPM6530T-4R7M Click to download

File Size   3366.15 Kbytes
Page   25 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications

SPM6530T-4R7M Datasheet (HTML) - TDK Electronics


SPM6530T-4R7M Product details

Inductors for Power Circuits Wound Metallic Magnetic Material

Overview of the SPM Series

FEATURES
○ Magnetic shield type wound inductor for power circuits using a metallic magnetic material.
○ Low-profile product lineup with max. heights of 1.2mm, 1.5mm, 2.0mm and 3.0mm allowing for different usages.
○ Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness.
○ Low inductance variance in high-temperature environments with good DC superimposition characteristics.
○ Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with core adhesive coils.

APPLICATION
    Smart phones, tablet terminals, laptop computers, HDDs, servers, VRMs, compact power supply modules, other




Similar Part No. - SPM6530T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-4R7M TDK-SPM6530T-4R7M Datasheet
67Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
SPM6530T-4R7M TDK-SPM6530T-4R7M Datasheet
122Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM6530T-4R7M-HZ TDK-SPM6530T-4R7M-HZ Datasheet
305Kb / 3P
   SMD / SMT Inductors (Coils)
More results


Similar Description - SPM6530T-4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF12575T-100M5R4-PF TDK-SLF12575T-100M5R4-PF Datasheet
7Mb / 49P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications.
HF50ACB201209 TDK-HF50ACB201209 Datasheet
139Kb / 17P
   REMINDERS FOR USING THESE PRODUCTS
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
   Read these instructions thoroughly before using the tool assembly.
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com