Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM34W02U Datasheet (PDF) - Fairchild Semiconductor

FM34W02U Datasheet PDF - Fairchild Semiconductor
Part # FM34W02U
Download  FM34W02U Download
File Size   95.25 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

FM34W02U Datasheet (PDF)

Go To PDF Page Download Datasheet
FM34W02U Datasheet PDF - Fairchild Semiconductor

Part # FM34W02U
Download  FM34W02U Click to download

File Size   95.25 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

FM34W02U Datasheet (HTML) - Fairchild Semiconductor


FM34W02U Product details

General Description
The FM34W02U is 2048 bits of CMOS non-volatile electrically erasable memory. This device is specifically designed to support Serial Presence Detect circuitry in memory modules. This communications protocol uses CLOCK (SCL) and DATA I/O (SDA) lines to synchronously clock data between the master (for example a microprocessor) and the slave EEPROM device(s).

Features
■ PC100/PC133 Compliant
■ Extended Operating Voltage: 2.7V-5.5V
■ Software Write-Protection for first 128 bytes
■ Hardware Write-Protection for entire memory array
■ 200 µA active current typical
    – 1.0 µA standby current typical (L)
    – 0.1 µA standby current typical (LZ)
■ IIC compatible interface
    – Provides bidirectional data transfer protocol
■ Sixteen byte page write mode
    – Minimizes total write time per byte
■ Self timed write cycle
    - Typical write cycle time of 6ms
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin TSSOP and 8-pin SO
■ Temperature Ranges: Commercial and Extended




Similar Part No. - FM34W02U

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM340 RECTRON-FM340 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM340 FORMOSA-FM340 Datasheet
70Kb / 2P
Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM340 WINNERJOIN-FM340 Datasheet
87Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
FM340-A FORMOSA-FM340-A Datasheet
69Kb / 2P
Silicon epitaxial planer type
FM340-A FORMOSA-FM340-A Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Similar Description - FM34W02U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com