Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SN-BK-G Datasheet (PDF) - Samtec, Inc

2SN-BK-G Datasheet PDF - Samtec, Inc
Part # 2SN-BK-G
Download  2SN-BK-G Download
File Size   46.72 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 2 mm C.L. SHUNT ASSEMBLY

2SN-BK-G Datasheet (PDF)

Go To PDF Page Download Datasheet
2SN-BK-G Datasheet PDF - Samtec, Inc

Part # 2SN-BK-G
Download  2SN-BK-G Click to download

File Size   46.72 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 2 mm C.L. SHUNT ASSEMBLY

2SN-BK-G Datasheet (HTML) - Samtec, Inc





Similar Description - 2SN-BK-G

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SNT-100-BK-G SAMTEC-SNT-100-BK-G Datasheet
62Kb / 1P
.100 [2.54] C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
ECONOMY SHUNT ASSEMBLY
logo
Samtec, Inc
T1M44-X-XXXX-01-XX SAMTEC-T1M44-X-XXXX-01-XX Datasheet
237Kb / 2P
.050" C.L. DISCRETE WIRE TERMINAL
12/21/2007
logo
TE Connectivity Ltd
408-9426 TEC-408-9426 Datasheet
144Kb / 6P
2 mm Common Termination Head Assembly
logo
Samtec, Inc
SSM-133-L-SH SAMTEC-SSM-133-L-SH Datasheet
385Kb / 4P
.100 2.54 C.L. SURFACE MOUNT SOCKET STRIP
SSM-125-S-DV SAMTEC-SSM-125-S-DV Datasheet
194Kb / 2P
.100 C.L. DOUBLE VERTICAL SMT SOCKET STRIP
logo
List of Unclassifed Man...
SX1100-A ETC2-SX1100-A Datasheet
27Kb / 2P
Mini Shunt, 2.54 mm Pitch
A02KR02KR26E51A ETC2-A02KR02KR26E51A Datasheet
240Kb / 1P
2.0 mm Pitch KR Standard Catalog Assembly - 2
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
logo
A-BRIGHT Inc
AA-519EGW-C-501 A-BRIGHT-AA-519EGW-C-501_09 Datasheet
239Kb / 5P
5 mm LED Assembly
2009/2/27
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com