Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3B3257QEX Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B3257QEX Datasheet PDF - Pericom Semiconductor Corporation
Part No. PI3B3257QEX
Download  PI3B3257QEX Click to view

File Size   706.36 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Quad 2:1 Mux/DeMux NanoSwitch

PI3B3257QEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B3257QEX Datasheet PDF - Pericom Semiconductor Corporation

Part No. PI3B3257QEX
Download  PI3B3257QEX Click to view

File Size   706.36 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Quad 2:1 Mux/DeMux NanoSwitch

PI3B3257QEX Datasheet (HTML) - Pericom Semiconductor Corporation

PI3B3257QEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3B3257QEX Datasheet HTML 7Page - Pericom Semiconductor Corporation

PI3B3257QEX Product details

Description

Pericom  Semiconductor’s  PI3B3257  is  a  3.3  Volt,  Quad  2:1 multiplexer/demultiplexer with three-state outputs that is pinout

and  function  compatible  with  the  PI74FCT257T,  74F257,  and 74ALS/AS/LS257. Inputs can be connected to outputs with low

On-Resistance (5Ω) with no additional ground bounce noise or propagation delay.



Features

•  Near-Zero propagation delay

•  5Ω switches connect inputs to outputs

•  Fast Switching Speed: 4.8ns max.

•  Ultra-Low Quiescent Power: 0.1µA typical

– Ideally suited for notebook applications

•  Pin compatible with 74 series 257 logic devices

•  Packaging (Pb-free & Green avaliable):

– 16-pin 150 mil wide plastic QSOP (Q)

– 16-pin 150 mil wide plastic SOIC (W)

– 16-pin 173 mil wide plastic TSSOP (L)



Similar Part No. - PI3B3257QEX

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
PI3B3257QEX DIODES-PI3B3257QEX Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results

Similar Description - PI3B3257QEX

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
Diodes Incorporated
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
Diodes Incorporated
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
Potato Semiconductor Corporation
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz