Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF20N50FT Datasheet (PDF) - Fairchild Semiconductor

FDPF20N50FT Datasheet PDF - Fairchild Semiconductor
Part # FDPF20N50FT
Download  FDPF20N50FT Download

File Size   429.87 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?

FDPF20N50FT Datasheet (PDF)

Go To PDF Page Download Datasheet
FDPF20N50FT Datasheet PDF - Fairchild Semiconductor

Part # FDPF20N50FT
Download  FDPF20N50FT Click to download

File Size   429.87 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?

FDPF20N50FT Datasheet (HTML) - Fairchild Semiconductor

FDPF20N50FT Datasheet HTML 1Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 2Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 3Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 4Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 5Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 6Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 7Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 8Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 9Page - Fairchild Semiconductor FDPF20N50FT Datasheet HTML 10Page - Fairchild Semiconductor

FDPF20N50FT Product details

Description

UniFET™ MOSFET is Fairchild Semiconductor®’s high voltage MOSFET family based on planar stripe and DMOS technology. This MOSFET is tailored to reduce on-state resistance, and to provide better switching performance and higher avalanche energy strength. The body diode’s reverse recovery performance of UniFET FRFET® MOSFET has been enhanced by lifetime control. Its trr is less than 100nsec and the reverse dv/dt immunity is 15V/ns while normal planar MOSFETs have over 200nsecand 4.5V/nsec respectively. Therefore, it can remove additional component and improve system reliability in certain applications in which the performance of MOSFET’s body diode is significant. This device family is suitable for switching power converter applications such as power factor correction (PFC), flat panel display (FPD) TV power, ATX and electronic lamp ballasts.



Features

• RDS(on) = 210 m (Typ.) @ VGS = 10 V, ID = 10 A

• Low Gate Charge (Typ. 50 nC)

• Low Crss (Typ. 27 pF)

• 100% Avalanche Aested

• Improve dv/dt Capability

• RoHS Compliant



Applications

• LCD/LED/PDP TV

• Lighting

• Uninterruptible Power Supply

• AC-DC Power Supply




Similar Part No. - FDPF20N50FT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF20N50FT ISC-FDPF20N50FT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDPF20N50FT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
logo
ON Semiconductor
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
   N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Fairchild Semiconductor
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
ON Semiconductor
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com