Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH10S2405IC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NPH10S2405IC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NPH10S2405IC
Download  NPH10S2405IC Download

File Size   281.16 Kbytes
Page   8 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 10W Single Output DC/DC Converters

NPH10S2405IC Datasheet (PDF)

Go To PDF Page Download Datasheet
NPH10S2405IC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NPH10S2405IC
Download  NPH10S2405IC Click to download

File Size   281.16 Kbytes
Page   8 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 10W Single Output DC/DC Converters

NPH10S2405IC Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NPH10S2405IC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.

NPH10S2405IC Product details

DESCRIPTION
The NPH10S series of DC-DC converters combines ease of application with versatility. The pin pattern is based on the popular industry standard, but two additional pins may optionally be fitted to provide a variety of features not commonly found on units of this type. High efficiency enables full rating to be achieved in a small package without heat sinking. Thermally protected against sustained overload. The copper case achieves efficient heat transfer and screening. The product range has been recognised by Underwriters Laboratory (UL) to UL 1950 for operational insulation, file number E151252 applies.

FEATURES
■ RoHS compliant
■ High efficiency to 87%
■ Power density up to 1.5Wcm3
■ UL1950 recognized
■ Industry standard pinout
■ Surge rating to 12W
■ Non latching current limit
■ 1.5kV input to output isolation
■ Versatile control options
■ Continuous rating to 10W at 72ºC without heatsink
■ Operation to zero load
■ Protected against load faults
■ Internal over temperature protection
■ Uses no electrolytic capacitors
■ Fixed frequency
■ No external components required



Similar Part No. - NPH10S2405IC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH10S2405I CANDD-NPH10S2405I Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
More results


Similar Description - NPH10S2405IC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com