Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HG64 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-HG64 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-HG64
Download  HLMP-HG64 Download
File Size   265.37 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs

HLMP-HG64 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-HG64 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HG64
Download  HLMP-HG64 Click to download

File Size   265.37 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs

HLMP-HG64 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HLMP-HG64 Product details

Description
These Precision Optical Performance Oval LEDs are specifically designed for full color/video and passenger information signs. The oval shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. The package epoxy contains both UV-A and UV-B inhibitors to reduce the effects of long term exposure to direct sunlight.

Features
• Well defined spatial radiation pattern
• High brightness material
• Available in Red, Green and Blue color
   Red AlInGaP 626 nm
   Green InGaN 525nm
   Blue InGaN 470nm
• Superior resistance to moisture
• Non-Standoff Package
• Tinted and diffused
• Typical viewing angle 40° x 100°

Applications
• Full color signs




Similar Part No. - HLMP-HG64

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG62-TX0DD AVAGO-HLMP-HG62-TX0DD Datasheet
211Kb / 11P
5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG63-TX0DD AVAGO-HLMP-HG63-TX0DD Datasheet
211Kb / 11P
5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63-TX0XX AVAGO-HLMP-HG63-TX0XX Datasheet
449Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Similar Description - HLMP-HG64

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com