Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52409 Datasheet (PDF) - Tyco Electronics

52409 Datasheet PDF - Tyco Electronics
Part # 52409
Download  52409 Download

File Size   90.95 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPRING SPADE PIDG, WIRE SIZE 22-16

52409 Datasheet (PDF)

Go To PDF Page Download Datasheet
52409 Datasheet PDF - Tyco Electronics

Part # 52409
Download  52409 Click to download

File Size   90.95 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPRING SPADE PIDG, WIRE SIZE 22-16

52409 Datasheet (HTML) - Tyco Electronics

52409 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 52409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5240 ETC2-5240 Datasheet
142Kb / 2P
   BATTERY CONTACTS FOR MOLDED CASES
logo
3M Electronics
5240 3M-5240 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Molex Electronics Ltd.
5240-02 MOLEX3-5240-02 Datasheet
125Kb / 2P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 2 Circuits
5240-021 MOLEX3-5240-021 Datasheet
100Kb / 2P
   2.50mm (.098") Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 2 Circuits
5240-03 MOLEX3-5240-03 Datasheet
125Kb / 2P
   2.50mm (.098") Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears
More results


Similar Description - 52409

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
52929 TEC-52929 Datasheet
79Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22-16 AWG
52930 TEC-52930 Datasheet
80Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22 - 16 AWG
logo
Tyco Electronics
52421-1 MACOM-52421-1 Datasheet
54Kb / 1P
   TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16-14
52408 MACOM-52408 Datasheet
85Kb / 1P
   TERMINAL, SPRING SPADE PIDG, WIRE SIZE
logo
TE Connectivity Ltd
52422 TEC-52422 Datasheet
74Kb / 1P
   TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16 - 14 AWG
logo
Tyco Electronics
52936 MACOM-52936 Datasheet
75Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 16-14 AWG
34080 MACOM-34080 Datasheet
78Kb / 1P
   WIRE-TERMINAL PIDG-SPADE WIRE SIZE
326865 MACOM-326865 Datasheet
64Kb / 1P
   WIRE TERMINAL PIDG-FLANGED SPADE WIRE SIZE:12-10
logo
List of Unclassifed Man...
320559 ETC2-320559 Datasheet
85Kb / 1P
   SPLICE BUTT PIDG WIRE SIZE 22-16
logo
Tyco Electronics
130620 MACOM-130620 Datasheet
55Kb / 1P
   TERMINAL, SPADE, RECTANGULAR TONGUE, PIDG, WIRE SIZE 12-10
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com