Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1162-YTE85LF Datasheet (PDF) - Toshiba Semiconductor

2SA1162-YTE85LF Datasheet PDF - Toshiba Semiconductor
Part # 2SA1162-YTE85LF
Download  2SA1162-YTE85LF Download

File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SA1162-YTE85LF Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1162-YTE85LF Datasheet PDF - Toshiba Semiconductor

Part # 2SA1162-YTE85LF
Download  2SA1162-YTE85LF Click to download

File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SA1162-YTE85LF Datasheet (HTML) - Toshiba Semiconductor

2SA1162-YTE85LF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1162-YTE85LF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1162-YTE85LF Datasheet HTML 3Page - Toshiba Semiconductor

2SA1162-YTE85LF Product details

Audio Frequency General Purpose Amplifier Applications

•  High voltage and high current: VCEO= −50 V, IC= −150 mA (max)
•  Excellent hFElinearity:  hFE(IC= −0.1 mA)/hFE(IC= −2 mA)  
                                         = 0.95 (typ.)
•  High hFE: hFE= 70~400
•  Low noise: NF = 1dB (typ.), 10dB (max)
•  Complementary to 2SC2712
•  Small package




Similar Part No. - 2SA1162-YTE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SA1162-Y KEXIN-2SA1162-Y Datasheet
1Mb / 2P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1162-Y MCC-2SA1162-Y Datasheet
264Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1162-Y YFWDIODE-2SA1162-Y Datasheet
639Kb / 3P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SA1162-Y-HF KEXIN-2SA1162-Y-HF Datasheet
1Mb / 2P
   PNP Transistors
More results


Similar Description - 2SA1162-YTE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com