Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1031 Datasheet (PDF) - Fairchild Semiconductor

FIN1031 Datasheet PDF - Fairchild Semiconductor
Part # FIN1031
Download  FIN1031 Download
File Size   203.74 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 4-Bit High Speed Differential Driver

FIN1031 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1031 Datasheet PDF - Fairchild Semiconductor

Part # FIN1031
Download  FIN1031 Click to download

File Size   203.74 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 4-Bit High Speed Differential Driver

FIN1031 Datasheet (HTML) - Fairchild Semiconductor


FIN1031 Product details

General Description

This quad driver is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The driver translates LVTTL signal levels to LVDS levels with a typical differential output swing of 350mV which provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock and data.

The FIN1031 can be paired with its companion receiver, the FIN1032, or any other Fairchild LVDS receiver.



Features

■ Greater than 400Mbs data rate

■ 3.3V power supply operation

■ 0.4ns maximum differential pulse skew

■ 2.0ns maximum propagation delay

■ Low power dissipation

■ Power OFF protection

■ Meets or exceeds the TIA/EIA-644 LVDS standard

■ Pin compatible with equivalent RS-422 and LVPECL devices

■ 16-Lead SOIC and TSSOP packages save space



 




Similar Part No. - FIN1031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1031M ONSEMI-FIN1031M Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1031MTC ONSEMI-FIN1031MTC Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
More results


Similar Description - FIN1031

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com