Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16993 Datasheet (PDF) - Maxim Integrated Products

MAX16993 Datasheet PDF - Maxim Integrated Products
Part # MAX16993
Download  MAX16993 Download

File Size   1230.89 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters

MAX16993 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16993 Datasheet PDF - Maxim Integrated Products

Part # MAX16993
Download  MAX16993 Click to download

File Size   1230.89 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters

MAX16993 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX16993 Datasheet HTML 1Page - Maxim Integrated Products MAX16993 Datasheet HTML 2Page - Maxim Integrated Products MAX16993 Datasheet HTML 3Page - Maxim Integrated Products MAX16993 Datasheet HTML 4Page - Maxim Integrated Products MAX16993 Datasheet HTML 5Page - Maxim Integrated Products MAX16993 Datasheet HTML 6Page - Maxim Integrated Products MAX16993 Datasheet HTML 7Page - Maxim Integrated Products MAX16993 Datasheet HTML 8Page - Maxim Integrated Products MAX16993 Datasheet HTML 9Page - Maxim Integrated Products MAX16993 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX16993 Product details

General Description
The MAX16993 power-management integrated circuit (PMIC) is a 2.1MHz, multichannel, DC-DC con
verter designed for automotive applications. The device integrates three supplies in a small footprint. The device includes one high-voltage step-down controller (OUT1) designed to run directly from a car battery and two low voltage step-down converters (OUT2/OUT3) cascaded from OUT1. Under no-load conditions, the MAX16993 consumes only 30µA of quiescent current, making it ideal for automotive applications.

Features
● High-Voltage DC-DC Controller
• 3.5V to 36V Operating Supply Voltage
• 42V Load-Dump Protection
• Output Voltage: Pin Selectable, Fixed or Resistor-Divider Adjustable
• 350kHz to 2.1MHz Operation
• 30μA Quiescent Current with DC-DC Controller Enabled
● Dual High-Efficiency 2.1MHz DC-DC Converters
• Run Directly from OUT1
• 3A Integrated FETs
• 0.8V to 3.95V Output Voltage
• Fixed or Resistor-Divider-Adjustable Output Voltage
• 180° Out-of-Phase Operation
● Individual Enable Inputs
● Individual RESET_ Outputs
● Thermal-Warning Indication Output
● Forced-PWM and Skip Modes
● Overtemperature and Short-Circuit Protection
● 32-Pin (5mm x 5mm x 0.8mm) Side-Wettable TQFN-EP
● -40°C to +125°C Operating Temperature Range

Applications
● Automotive
● Industrial




Similar Part No. - MAX16993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16993AGJ_/VY++ MAXIM-MAX16993AGJ_/VY+ Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX16993ATJ_++ MAXIM-MAX16993ATJ_+ Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX16993ATJ_/V++ MAXIM-MAX16993ATJ_/V+ Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Similar Description - MAX16993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com